PART |
Description |
Maker |
LTC3787 |
PolyPhase Synchronous Boost Controller
|
Linear Technology Corporation
|
LTC3729L-6 LTC3729LEUH-6 |
PolyPhase, Synchronous Step-Down Switching Regulator
|
Linear Technology
|
PLSCE105H-37JC PLSCE105H-37PC PLSCE105H-37RC PLS10 |
Electrically-Erasable PLD PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C Fuse-Programmable PLD 保险丝,可编程的PLD 4-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 保险丝,可编程的PLD PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C
|
HIROSE ELECTRIC Co., Ltd. Samsung Semiconductor Co., Ltd.
|
IRHSLNA58064 IRHSLNA53064 IRHSLNA54064 IRHSLNA5706 |
60V Hi-Rel Synchronous Rectifier N-Channel MOSFET in a SMD-2 package RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT (SMD-2) TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 75A I(D) | SMT 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 75A条(丁)|贴片
|
IRF[International Rectifier] International Rectifier, Corp.
|
LTC3415EUHFPBF |
7A, PolyPhase Synchronous Step-Down Regulator; Package: QFN; No of Pins: 38; Temperature Range: -40°C to 125°C 15 A SWITCHING REGULATOR, 1700 kHz SWITCHING FREQ-MAX, PQCC38
|
Linear Technology, Corp.
|
LTC3814-5-15 |
60V Current Mode Synchronous Step-Up Controller
|
Linear Technology
|
LT3791-1 |
60V 4-Switch Synchronous Buck-Boost Controller
|
Linear Technology
|
LTC3890-1 LTC3890EGN-1 LTC3890EGN-1PBF LTC3890EGN- |
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
|
Linear Technology
|
LTC3890-3 LTC3890-3-15 |
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
|
Linear Technology
|